Part Number Hot Search : 
00090 CES2307 MAX9589 25RIA120 7166AST TFS868B 35080 35230004
Product Description
Full Text Search
 

To Download 2SA1980SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t5c081-000 1 2SA1980SF pnp silicon transistor pin connection sot-23f description ? general small signal amplifier features ? low collector saturation voltage : v ce(sat) =-0.3v(max.) ? low output capacitance : c ob =4pf(typ.) ? complementary pair with 2sc5343sf ordering information type no. marking package code ca 2SA1980SF sot-23f device code hfe rank year&week code absolute maximum ratings (ta=25 c) characteristic symbol ratings unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c -150 ma collector dissipation p c 200 mw junction temperature t j 150 c storage temperature t stg -55~150 c electrical characteristics (ta=25 c) characteristic symbol test condition min. typ. max. unit collector-base breakdown voltage bv cbo i c =-100 a, i e =0 -50 - - v collector-emitter breakdown voltage bv ceo i c =-1ma, i b =0 -50 - - v emitter-base breakdown voltage bv ebo i e =-10 a, i c =0 -5 - - v collector cut-off current i cbo v cb =-50v, i e =0 - - -0.1 a emitter cut-off current i ebo v eb =-5v, i c =0 - - -0.1 a dc current gain h fe * v ce =-6v, i c =-2ma 70 - 700 - collector-emitter saturation voltage v ce(sat) i c =-100ma, i b =-10ma - - -0.3 v transition frequency f t v ce =-10v, i c =-1ma 80 - - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 4 7 pf noise figure nf v ce =-6v, i c =-0.1ma f=1khz, rg=10k ? - - 10 db *: h fe rank / o : 70~140, y : 120~240, g : 200~400, l : 300~700. 1 2 3
ksd-t5c081-000 2 2SA1980SF electrical characteristic curves fig. 3 i c- v ce fig. 4 h fe- i c fig. 5 v ce(sat)- i c fig. 2 i c- v be fig. 1 p c -t a
ksd-t5c081-000 3 2SA1980SF outline dimension recommend pcb solder land [unit: mm]
ksd-t5c081-000 4 2SA1980SF the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 2SA1980SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X